c d b f 0 1 4 5 p a g e 1 q w - a 1 0 2 0 r e v : b s m d s c h o t t k y b a r r i e r d i o d e i o = 1 0 0 m a v r = 4 5 v o l t s rohs device m e c h a n i c a l d a t a - case: 1005/sod-323f standard package, molded plastic. - t erminals: gold plated, solderable per mil-std-750,method 2026 - polarity: indicated by cathode band. - w eight: 0.006 grams(approx.). - mounting position: any c i r c u i t d i a g r a m f e a t u r e s - designed for mounting on small surface. - extremely thin / leadless package. - majority carrier conduction. - low leakage current. (i r =0.1ua typ.@v r =10v) 0 . 1 0 2 ( 2 . 6 0 ) 0 . 0 9 5 ( 2 . 4 0 ) 0 . 0 2 4 ( 0 . 6 0 ) 0 . 0 5 1 ( 1 . 3 0 ) 0 . 0 4 3 ( 1 . 1 0 ) 0 . 0 3 5 ( 0 . 9 0 ) 0 . 0 2 7 ( 0 . 7 0 ) d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) 1 0 0 5 / s o d - 3 2 3 f 0 . 0 4 1 ( 1 . 0 5 ) 0 . 0 3 7 ( 0 . 9 5 ) 0 . 0 1 4 ( 0 . 3 5 ) 0 . 0 11 ( 0 . 2 8 ) 0 . 0 1 6 ( 0 . 4 0 ) o m a x i m u m r a t i n g ( a t t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) t y p v r r m r e p e t i t i v e p e a k r e v e r s e v o l t a g e s y m b o l p a r a m e t e r c o n d i t i o n s m i n m a x u n i t v 5 0 v r r e v e r s e v o l t a g e v 4 5 i f s m f o r w a r d c u r r e n t , s u r g e p e a k 8 . 3 m s s i n g l e h a l f s i n e - w a v e s u p e r i m p o s e d o n r a t e l o a d ( j e d e c m e t h o d ) 1 p d m w o c 2 5 0 + 1 2 5 - 4 0 p o w e r d i s s i p a t i o n storage temperature t j o c + 1 2 5 j u n c t i o n t e m p e r a t u r e t s t g a i o a v e r a g e f o r w a r d c u r r e n t m a 1 0 0 e l e c t r i c a l c h a r a c t e r i s t i c s ( ) o a t t a = 2 5 c u n l e s s o t h e r w i s e n o t e d s y m b o l t y p p a r a m e t e r c o n d i t i o n s m i n m a x u n i t 9 c t c a p a c i t a n c e b e t w e e n t e r m i n a l s p f f = 1 m h z a n d 1 0 v d c r e v e r s e v o l t a g e f o r w a r d v o l t a g e i f = 1 0 0 m a d c v f v 0 . 5 5 i r u a r e v e r s e c u r r e n t v r = 1 0 v 1 company reserves the right to improve product design , functions and reliability without notice. c o m c h i p t e c h n o l o g y c o . , l t d .
ra ting and characteristic cur ves (CDBF0145) p a g e 2 q w - a 1 0 2 0 r e v : b s m d s c h o t t k y b a r r i e r d i o d e f o r w a r d c u r r e n t , ( m a ) f i g . 1 - f o r w a r d c h a r a c t e r i s t i c s f o r w a r d v o l t a g e , ( v ) f i g . 4 - c u r r e n t d e r a t i n g c u r v e 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 m o u n t i n g o n g l a s s e p o x y p c b s a v e r a g e f o r w a r d c u r r e n t , ( % ) f i g . 3 - c a p a c i t a n c e b e t w e e n t e r m i n a l s c h a r a c t e r i s t i c s r e v e r s e v o l t a g e , ( v ) c a p a c i t a n c e b e t w e e n t e r m i n a l s , ( p f ) 1 1 0 1 0 0 a m b i e n t t e m p e r a t u r e , ( c ) f = 1 m h z t a = 2 5 c r e v e r s e v o l t a g e , ( v ) f i g . 2 - r e v e r s e c h a r a c t e r i s t i c s r e v e r s e c u r r e n t , ( a ) - 2 5 c 7 5 c 2 5 c 1 2 5 c 0 2 0 4 0 6 0 8 0 1 0 0 0 1 0 1 5 2 0 2 5 3 0 3 5 5 0 1 0 2 0 3 0 4 0 1 n 1 0 n 1 0 0 u 1 m 1 0 m 1 0 0 n 1 u 1 0 u 0 . 1 0 . 2 0 . 3 0 . 4 0 . 5 0 . 6 0 . 7 0 0 . 0 0 1 0 . 0 1 1 0 1 0 0 1 0 0 0 0 . 1 1 o - 2 5 c o 2 5 c o 7 5 c o 1 2 5 c company reserves the right to improve product design , functions and reliability without notice. c o m c h i p t e c h n o l o g y c o . , l t d .
in d e x h o l e o 1 2 0 t r a i l e r d e v i c e l e a d e r 1 0 p i t c h e s ( m i n ) 1 0 p i t c h e s ( m i n ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . e n d s t a r t d e f b w a p p 0 p 1 d 1 d 2 d w 1 t c d i r e c t i o n o f f e e d r e e l t a p i n g s p e c i f i c a t i o n s m d s c h o t t k y b a r r i e r d i o d e p a g e 3 q w - a 1 0 2 0 r e v : b b c d d d 2 d 1 e f p p 0 p 1 t s y m b o l a w w 1 ( m m ) ( i n c h ) 0 . 0 6 1 0 . 0 0 4 0 . 1 0 4 0 . 0 0 4 0 . 0 4 1 0 . 0 0 4 0 . 0 6 1 0 . 0 0 2 7 . 0 0 8 0 . 0 4 2 . 3 6 2 m i n . 0 . 5 1 2 0 . 0 0 8 s y m b o l ( m m ) ( i n c h ) 0 . 0 6 9 0 . 0 0 4 0 . 1 3 8 0 . 0 0 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 0 0 9 0 . 0 0 2 0 . 3 1 5 0 . 0 0 8 0 . 5 3 1 m a x . 1 . 5 5 0 . 1 0 2 . 6 5 0 . 1 0 4 . 0 0 0 . 1 0 1 . 5 5 0 . 0 5 3 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 6 0 . 0 m i n . 1 3 . 0 0 . 2 0 1 . 0 5 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 0 . 2 3 0 . 0 5 8 . 0 0 0 . 2 0 1 3 . 5 m a x . 1 7 8 1 1 0 0 5 ( s o d - 3 2 3 f ) 1 0 0 5 ( s o d - 3 2 3 f ) company reserves the right to improve product design , functions and reliability without notice. c o m c h i p t e c h n o l o g y c o . , l t d .
s m d s c h o t t k y b a r r i e r d i o d e p a g e 4 q w - a 1 0 2 0 r e v : b s u g g e s t e d p a d l a y o u t m a r k i n g c o d e b 4 p a r t n u m b e r c d b f 0 1 4 5 m a r k i n g c o d e b 4 size (inch) 0.083 (mm) 2.10 1.20 1.20 0.047 0.047 1005/sod-323f 3.30 0.130 e 0.90 0.035 a b c d a c b e d company reserves the right to improve product design , functions and reliability without notice. c o m c h i p t e c h n o l o g y c o . , l t d . s t a n d a r d p a c k a g i n g c a s e t y p e q t y p e r r e e l ( p c s ) 4 , 0 0 0 1 0 0 5 / s o d - 3 2 3 f r e e l s i z e ( i n c h ) 7
|